Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW006102 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW006102
Description  HMIC??Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW006102 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW006102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
V2
MASW-006102-13610
HMIC™ Silicon PIN Diode Switch
with Integrated Bias Network
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MASW-006102-13610 (SP6T)
Electrical Specifications @ TAMB = +25
oC, 10mA Bias current
1.Typical switching speed measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using RC
output spiking network, R = 50 – 200Ω , C = 390 – 560pF.
Note:
Operation of the MASW-006102-13610
Operation of the MASW Series of PIN switches is achieved by the simultaneous application of negative DC
current to the low loss port and positive DC current to the remaining isolated switching ports per the Driver
Connections table below. The control currents should be supplied by constant current sources. For insertion
loss, -10mA bias results in approximately –2V, and for Isolation ,+10mA yields approximately +0.9V at the
respective bias nodes. The backside area of the die is the RF and DC return ground plane.
Driver Connections
PARAMETER
FREQUENCY BAND
MIN
TYP
MAX
UNITS
INSERTION
LOSS
6 GHZ
1.0
1.4
dB
12 GHz
1.3
2.0
dB
18 GHz
1.9
2.9
dB
ISOLATION
6 GHZ
43
49
dB
12 GHz
35
43
dB
18 GHz
30
39
dB
INPUT RETURN
LOSS
6 GHZ
18
dB
12 GHz
20
dB
18 GHz
16
dB
OUTPUT RETURN
LOSS
6 GHZ
19
dB
12 GHz
22
dB
18 GHz
20
dB
SWITCHING
SPEED
10 GHz
80
ns
CONTROL LEVEL ( DC CURRENT )
CONDITION OF RF OUTPUT
B2
B3
B4
B5
B6
B7
J2-J1
J3-J1
J4-J1
J5-J1
J6-J1
J7-J1
-10mA +10mA +10mA +10mA +10mA +10mA
Low
Loss
Isolation Isolation Isolation Isolation Isolation
+10mA -10mA +10mA +10mA +10mA +10mA Isolation
Low
Loss
Isolation Isolation Isolation Isolation
+10mA +10mA -10mA +10mA +10mA +10mA Isolation Isolation
Low
Loss
Isolation Isolation Isolation
+10mA +10mA +10mA -10mA +10mA +10mA Isolation Isolation Isolation
Low
Loss
Isolation Isolation
+10mA +10mA +10mA +10mA -10mA +10mA Isolation Isolation Isolation Isolation
Low
Loss
Isolation
+10mA +10mA +10mA +10mA +10mA -10mA Isolation Isolation Isolation Isolation Isolation
Low
Loss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com