Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4093CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL4093CS
Description  300 MHz DC-Restored Video Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4093CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL4093CS Datasheet HTML 1Page - Elantec Semiconductor EL4093CS Datasheet HTML 2Page - Elantec Semiconductor EL4093CS Datasheet HTML 3Page - Elantec Semiconductor EL4093CS Datasheet HTML 4Page - Elantec Semiconductor EL4093CS Datasheet HTML 5Page - Elantec Semiconductor EL4093CS Datasheet HTML 6Page - Elantec Semiconductor EL4093CS Datasheet HTML 7Page - Elantec Semiconductor EL4093CS Datasheet HTML 8Page - Elantec Semiconductor EL4093CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL4093C
300 MHz DC-Restored Video Amplifier
Closed-Loop AC Electrical Characteristics
Power supplies at g5V TA e 25 C RF e RG e 750X RL e 150X CL e 5 pF CHOLD e 22 nF
Sample and Hold Section
Parameter
Description
Min
Typ
Max
Test
Units
Levels
DISTEP
Change in Sample to Hold Output Current Due to Hold Step
01
V
mA
DTSH
Sample to Hold Delay Time
15
V
ns
DTHS
Hold to Sample Delay Time
40
V
ns
TAC
Settling Time to 1% (DC Restored Amplifier Output)
22
V
ms
Video Amplifier Input from 0 to 1V
Typical Application
44093 – 2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com