Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2011PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR2011PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2011PBF Datasheet(HTML) 2 Page - International Rectifier

  IR2011PBF Datasheet HTML 1Page - International Rectifier IR2011PBF Datasheet HTML 2Page - International Rectifier IR2011PBF Datasheet HTML 3Page - International Rectifier IR2011PBF Datasheet HTML 4Page - International Rectifier IR2011PBF Datasheet HTML 5Page - International Rectifier IR2011PBF Datasheet HTML 6Page - International Rectifier IR2011PBF Datasheet HTML 7Page - International Rectifier IR2011PBF Datasheet HTML 8Page - International Rectifier IR2011PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.irf.com
IR2011(S) & (PbF)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
225
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC +0.3
VIN
Logic input voltage (HIN & LIN)
-0.3
VCC +0.3
dVs/dt
Allowable offset supply voltage transient (figure 2)
—
50
V/ns
PD
Package power dissipation @ TA £ +25°C
(8-lead DIP)
—
1.0
(8-lead SOIC)
—
0.625
RTHJA
Thermal resistance, junction to ambient
(8-lead DIP)
—
125
(8-lead SOIC)
—
200
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°
C/W
W
V
°
C
Note 1: Logic operational for VS of -4 to +200V. Logic state held for VS of -4V to -VBS.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 1
200
VHO
High side floating output voltage
VS
VB
VCC
Low side fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)
COM
5.5
TA
Ambient temperature
-40
125
°
C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The VS and COM offset ratings
are tested with all supplies biased at 15V differential.
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com