Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6218LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6218LPBF
Description  Reset Switch for Active Clamp Reset DC-DC converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6218LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6218LPBF Datasheet HTML 1Page - International Rectifier IRF6218LPBF Datasheet HTML 2Page - International Rectifier IRF6218LPBF Datasheet HTML 3Page - International Rectifier IRF6218LPBF Datasheet HTML 4Page - International Rectifier IRF6218LPBF Datasheet HTML 5Page - International Rectifier IRF6218LPBF Datasheet HTML 6Page - International Rectifier IRF6218LPBF Datasheet HTML 7Page - International Rectifier IRF6218LPBF Datasheet HTML 8Page - International Rectifier IRF6218LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6218S/LPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-150
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.17
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
120
150
m
Ω
VGS(th)
Gate Threshold Voltage
-3.0
–––
-5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
-25
µA
–––
–––
-250
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
nA
Gate-to-Source Reverse Leakage
–––
–––
100
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
71
110
Qgs
Gate-to-Source Charge
–––
21
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
32
–––
td(on)
Turn-On Delay Time
–––
21
–––
tr
Rise Time
–––70–––
ns
td(off)
Turn-Off Delay Time
–––
35
–––
tf
Fall Time
–––30–––
Ciss
Input Capacitance
–––
2210
–––
Coss
Output Capacitance
–––
370
–––
Crss
Reverse Transfer Capacitance
–––
89
–––
pF
Coss
Output Capacitance
–––
2220
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
340
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
-27
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-110
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.6
V
trr
Reverse Recovery Time
–––
150
–––
ns
Qrr
Reverse Recovery Charge
–––
860
–––
nC
Typ.
–––
–––
Conditions
VDS = -50V, ID = -16A
ID = -16A
VDS = -120V
Conditions
VGS = -10V
f
VGS = 0V
VDS = -25V
ƒ = 1.0MHz
210
-16
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = -16A, VGS = 0V f
TJ = 25°C, IF = -16A, VDD = -25V
di/dt = -100A/µs
f
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -16A
f
VDS = VGS, ID = -250µA
VDS = -120V, VGS = 0V
VDS = -120V, VGS = 0V, TJ = 150°C
VGS = -20V
VGS = 20V
Max.
VGS = 0V, VDS = -1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = -120V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to -120V
VGS = -10V
f
VDD = -75V
ID = -16A
RG = 3.9Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com