Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8863RLLI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # KSZ8863RLLI
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8863RLLI Datasheet(HTML) 3 Page - Micrel Semiconductor

  KSZ8863RLLI Datasheet HTML 1Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 2Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 3Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 4Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 5Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 6Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 7Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 8Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
Micrel, Inc.
KSZ8863MLL/FLL//RLL
January 27, 2014
3
Revision 1.5
Ordering Information
Part Number
Junction Temperature Range
Package
Lead Finish/Grade
KSZ8863MLL
0ºC to 70ºC
48-Pin LQFP
Pb-Free/Commercial
KSZ8863MLLI
–40ºC to +85ºC
48-Pin LQFP
Pb-Free/Industrial
KSZ8863FLL
0ºC to 70ºC
48-Pin LQFP
Pb-Free/Commercial
KSZ8863FLLI
–40ºC to +85ºC
48-Pin LQFP
Pb-Free/Industrial
KSZ8863RLL
0ºC to 70ºC
48-Pin LQFP
Pb-Free/Commercial
KSZ8863RLLI
–40ºC to +85ºC
48-Pin LQFP
Pb-Free/Industrial
Revision History
Date
Summary of Changes
Revision
07/10/08
Initial release
1.0
09/08/09
Remove LinkMD feature.
Update the Electrical Characteristics.
1.1
09/23/09
Add LinkMD feature on Port 2.
Fix the typo on register 194
10/01/09
Modify pin 28(SMRXD31) description
08/18/10
Remove Turbo MII feature and its timing, add MDC/MDIO timing, update the descriptions of the by-
pass mode, tag insertion, power management, pins, registers and so on. Update max rating, RMII
timing and electrical characteristics.
1.2
05/25/11
Add the descriptions of the registers from register 175-186. Add a note for port register control 12,
update the description for some registers, update reset timing diagram.
1.3
08/5/11
Add the descriptions for MDC/MDIO SMI mode and IGMP mode. updates junction thermal data and
lead temperature.
1.4
01/27/14
Update the descriptions for RMII mode. Update the operation Min/Max voltage in different VDDIO,
change TTL I/O to CMOS I/O, update the pin 39 SPIS_N description. Update the register 166
description and the default value. Add a note for the Port Control 0 Register bit 2. Correct typos.
Update note for Register 21 bit [7]. Remove the full chip hardware power-down in the features. Update
SPI description, Update table 5, table 27 and table 28.
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com