Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MILF60WCWN0 Datasheet(PDF) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # MILF60WCWN0
Description  60W High Bay Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

MILF60WCWN0 Datasheet(HTML) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

  MILF60WCWN0 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
60W High Bay Light
MILF60WCWN0
Rev.: A /0
◆Light intensity distribution:(Unit: CD)
◆Illuminance at a Distance:
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-10-10
Page : 4
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com