Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226PDTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics L6226PDTR Datasheet HTML 10Page - STMicroelectronics L6226PDTR Datasheet HTML 11Page - STMicroelectronics L6226PDTR Datasheet HTML 12Page - STMicroelectronics L6226PDTR Datasheet HTML 13Page - STMicroelectronics L6226PDTR Datasheet HTML 14Page - STMicroelectronics L6226PDTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
L6226
Circuit description
Doc ID 9452 Rev 4
11/31
4
Circuit description
4.1
Power stages and charge pump
The L6226 integrates two independent Power MOS full bridges. Each Power MOS has an
RDSon = 0.73 Ω (typical value @ 25 °C), with intrinsic fast freewheeling diode. Cross
conduction protection is achieved using a dead time (td = 1
μs typical) between the switch off
and switch on of two Power MOS in one leg of a bridge. Using N channel power MOS for the
upper transistors in the bridge requires a gate drive voltage above the power supply voltage.
The Bootstrapped (VBOOT) supply is obtained through an internal oscillator and few
external components to realize a charge pump circuit as shown in Figure 5. The oscillator
output (VCP) is a square wave at 600 kHz (typical) with 10 V amplitude. Recommended
values/part numbers for the charge pump circuit are shown in Table 6.
Figure 5.
Charge pump circuit
4.2
Logic inputs
Pins IN1A, IN2A, IN1B, IN2B, ENA and ENB are TTL/ CMOS and microcontroller compatible
logic inputs. The internal structure is shown in Figure 4. Typical value for turn-on and turn-off
thresholds are respectively Vthon=1.8V and Vthoff = 1.3V. Pins ENA and ENB are commonly
used to implement Overcurrent and Thermal protection by connecting them respectively to
the outputs OCDA and OCDB, which are open-drain outputs. If that type of connection is
chosen, some care needs to be taken in driving these pins. Two configurations are shown in
Figure 7 and Figure 8. If driven by an open drain (collector) structure, a pull-up resistor REN
and a capacitor CEN are connected as shown in Figure 7. If the driver is a standard Push-
Pull structure the resistor REN and the capacitor CEN are connected as shown in Figure 8.
The resistor REN should be chosen in the range from 2.2 k
Ω to 180 kΩ. Recommended
values for REN and CEN are respectively 100 k
Ω and 5.6 nF. More information on selecting
the values is found in the overcurrent protection section.
Table 6.
Charge pump external components values
CBOOT
220 nF
CP
10 nF
D1
1N4148
D2
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com