Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6226
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 19Page - STMicroelectronics L6226 Datasheet HTML 20Page - STMicroelectronics L6226 Datasheet HTML 21Page - STMicroelectronics L6226 Datasheet HTML 22Page - STMicroelectronics L6226 Datasheet HTML 23Page - STMicroelectronics L6226 Datasheet HTML 24Page - STMicroelectronics L6226 Datasheet HTML 25Page - STMicroelectronics L6226 Datasheet HTML 26Page - STMicroelectronics L6226 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
L6226
Thermal management
Doc ID 9452 Rev 4
23/31
7
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be deliver by the device in a safe operating condition. Therefore, it has to be
taken into account very carefully. Besides the available space on the PCB, the right package
should be chosen considering the power dissipation. Heat sinking can be achieved using
copper on the PCB with proper area and thickness. Figure 21, 22 and 23 show the junction-
to-ambient thermal resistance values for the PowerSO36, PowerDIP24 and SO24 packages.
For instance, using a PowerSO package with copper slug soldered on a 1.5 mm copper
thickness FR4 board with 6cm2 dissipating footprint (copper thickness of 35µm), the RthJA is
about 35°C/W. Figure 20 shows mounting methods for this package. Using a multi-layer
board with vias to a ground plane, thermal impedance can be reduced down to 15°C/W.
Figure 20.
Mounting the PowerSO package
Figure 21.
PowerSO36 junction-amb. thermal resistance vs on-board copper area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com