Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75813E Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75813E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813E Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75813E Datasheet HTML 17Page - Sanyo Semicon Device LC75813E Datasheet HTML 18Page - Sanyo Semicon Device LC75813E Datasheet HTML 19Page - Sanyo Semicon Device LC75813E Datasheet HTML 20Page - Sanyo Semicon Device LC75813E Datasheet HTML 21Page - Sanyo Semicon Device LC75813E Datasheet HTML 22Page - Sanyo Semicon Device LC75813E Datasheet HTML 23Page - Sanyo Semicon Device LC75813E Datasheet HTML 24Page - Sanyo Semicon Device LC75813E Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
No. 7159--21/26
LC75813E, 75813T
Notes on Controller Transfer of Display Data
Since the LC75813E and LC75813T accept the display data (D1 to D261) divided into three separate transfer operations
when using 1/3 duty drive scheme and the data (D1 to D344) divided into four separate transfer operations when 1/4
duty drive, we recommend that applications transfer all of the display data within a period of less than 30 ms to prevent
observable degradation of display quality.
Figure 4
t1
Display and control data transfer
VDD
t2
D1 to D88
P0 to P3
Internal data
DR, DT, FC, SC, BU
Internal data (D89 to D176)
Internal data (D177 to D260)
VLCD
CE
INH
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
VIL
tc
VIL
t3
Internal data (D261 to D344)
Notes:
t1
≥ 0
t2 > 0
t3
≥ 0 (t2 > t3)
tc .......10
µs min.
2. 1/4 duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com