Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL5146CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5146CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL5146CS Datasheet HTML 9Page - Elantec Semiconductor EL5146CS Datasheet HTML 10Page - Elantec Semiconductor EL5146CS Datasheet HTML 11Page - Elantec Semiconductor EL5146CS Datasheet HTML 12Page - Elantec Semiconductor EL5146CS Datasheet HTML 13Page - Elantec Semiconductor EL5146CS Datasheet HTML 14Page - Elantec Semiconductor EL5146CS Datasheet HTML 15Page - Elantec Semiconductor EL5146CS Datasheet HTML 16Page - Elantec Semiconductor EL5146CS Datasheet HTML 17Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Pin Description
Name
Function
Equivalent Circuit
5
788
11
4
4,5
VS
Positive Power Supply
2
4434
11
12,13
GND
Ground or Negative Power Supply
3
3
IN+
Noninverting Input
4
2
IN-
Inverting Input
(Reference Circuit 1)
1
6
OUT
Amplifier Output
31133
INA+
Amplifier A Noninverting Input
(Reference Circuit 1)
210
14
2
2
INA-
Amplifier A Inverting Input
(Reference Circuit 1)
19
13
11
OUTA
Amplifier A Output
(Reference Circuit 2)
55756
INB+
Amplifier B Noninverting Input
(Reference Circuit 1)
66867
INB-
Amplifier B Inverting Input
(Reference Circuit 1)
77978
OUTB
Amplifier B Output
(Reference Circuit 2)
10
11
INC+
Amplifier C Noninverting Input
(Reference Circuit 1)
910
INC-
Amplifier C Inverting Input
(Reference Circuit 1)
8
9
OUTC
Amplifier C Output
(Reference Circuit 2)
12
14
IND+
Amplifier D Noninverting Input
(Reference Circuit 1)
13
15
IND-
Amplifier D Inverting Input
(Reference Circuit 1)
14
16
OUTD
Amplifier D Output
(Reference Circuit 2)
VS
GND
Circuit 1
VS
GND
Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com