Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL5244CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5244CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL5244CS Datasheet HTML 4Page - Elantec Semiconductor EL5244CS Datasheet HTML 5Page - Elantec Semiconductor EL5244CS Datasheet HTML 6Page - Elantec Semiconductor EL5244CS Datasheet HTML 7Page - Elantec Semiconductor EL5244CS Datasheet HTML 8Page - Elantec Semiconductor EL5244CS Datasheet HTML 9Page - Elantec Semiconductor EL5244CS Datasheet HTML 10Page - Elantec Semiconductor EL5244CS Datasheet HTML 11Page - Elantec Semiconductor EL5244CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
0.5
2.0
3.5
Differential Gain for RL Tied to 0V
RF = 1KΩ, AV = +2
VOUT (V)
32
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
0.5
2.0
3.5
Differential Phase for RL Tied to 0V
RF = 1KΩ, AV = +2
VOUT (V)
34
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
0.25
1.75
3.25
Differential Phase for RL Tied to 0V
RF = 0, AV = +1
VOUT (V)
53
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
0.25
1.75
3.25
Differential Gain for RL Tied to 0V
RF = 0, AV = +1
VOUT (V)
54
-0.08
-0.04
0
+0.04
+0.08
RL = 150Ω
RL = 10KΩ
0.5
2.0
3.5
Differential Gain for RL Tied to 2.5V
RF = 0, AV = +1
VOUT (V)
56
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
0.5
2.0
3.5
Differential Phase for RL Tied to 2.5V
VOUT (V)
55
-.02
-0.1
0
+0.1
+0.2
RL =
RL =
0.5
2.0
3.5
Differential Phase for RL Tied to 2.5V
RF = 0, AV = +1
VOUT (V)
-.02
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com