Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL5196CS
Description  Single 400MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5196CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL5196CS Datasheet HTML 3Page - Elantec Semiconductor EL5196CS Datasheet HTML 4Page - Elantec Semiconductor EL5196CS Datasheet HTML 5Page - Elantec Semiconductor EL5196CS Datasheet HTML 6Page - Elantec Semiconductor EL5196CS Datasheet HTML 7Page - Elantec Semiconductor EL5196CS Datasheet HTML 8Page - Elantec Semiconductor EL5196CS Datasheet HTML 9Page - Elantec Semiconductor EL5196CS Datasheet HTML 10Page - Elantec Semiconductor EL5196CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
EL5196C - Preliminary
Single 400MHz Fixed Gain Amplifier
Typical Performance Curves
Frequency Response (Gain)
SO8 Package
1M
10M
100M
Frequency (Hz)
AV=1
RL=150Ω
Frequency Response (Phase)
SO8 Package
1M
10M
100M
1G
Frequency (Hz)
1G
AV=2, -1
RL=150Ω
2
-2
-6
-10
-14
6
0
-90
-180
-270
-360
90
ICMR and IPSR vs Temperature
2.5
2
1.5
1
0.5
0
-0.5
-1
-40
10
60
110
160
Die Temperature (°C)
ICMR-
IPSR
ICMR+
PSRR and CMRR vs Temperature
90
70
50
30
10
-40
10
60
110
160
Die Temperature (°C)
PSRR
CMRR
Offset Voltage vs Temperature
2
1
0
-1
-40
10
60
110
160
Die Temperature (°C)
Input Current vs Temperature
140
120
100
80
40
20
0
-20
-40
10
60
110
160
Die Temperature (°C)
60
IB-
IB+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com