Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5210CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL5210CS
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5210CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL5210CS Datasheet HTML 4Page - Elantec Semiconductor EL5210CS Datasheet HTML 5Page - Elantec Semiconductor EL5210CS Datasheet HTML 6Page - Elantec Semiconductor EL5210CS Datasheet HTML 7Page - Elantec Semiconductor EL5210CS Datasheet HTML 8Page - Elantec Semiconductor EL5210CS Datasheet HTML 9Page - Elantec Semiconductor EL5210CS Datasheet HTML 10Page - Elantec Semiconductor EL5210CS Datasheet HTML 11Page - Elantec Semiconductor EL5210CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
EL5210C/EL5410C
30MHz Rail-to-Rail Input-Output Op Amps
Typical Performance Curves
Settling Time vs Step Size
230
-2
2
Settling Time (ns)
4
3
1
-3
0
-1
-4
5
-5
70
210
190
170
150
130
110
90
VS=±5V
AV=1
RL=1k
CL=12pF
TA=25°C
PSRR vs Frequency
100
0
Frequency (Hz)
80
60
40
20
1M
10M
10k
100k
VS=±5V
TA=25°C
1k
PSRR+
PSRR-
Input Voltage Noise Spectral Density vs
Frequency
100
100k
100M
10
100
Frequency (Hz)
1
10M
1k
10k
1M
1000
1k
10k
100k
0.008
Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
Channel Separation vs Frequency Response
1k
-60
Frequency (Hz)
-160
-120
-100
-80
0.010
1M
30M
10k
100k
0.006
0.004
0.002
10M
Dual measured Channel A to B
Quad measured Channel A to D or B to C
Other combinations yield improved rejection
0
VS=±5V
RL=1k
Ω
AV=1
VIN=0.5VRMS
VS=±5V
RL=1k
Ω
AV=1
VIN=110mVRMS
10
100
1000
Small-Signal Overshoot vs Load Capacitance
Load Capacitance (pF)
0
20
40
60
80
100
VS=±5V
AV=1
RL=1k
Ω
VIN=±50mV
TA=25°C
-140
0.1%
0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com