Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5397CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL5397CS
Description  Triple 200MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL5397CS Datasheet HTML 4Page - Elantec Semiconductor EL5397CS Datasheet HTML 5Page - Elantec Semiconductor EL5397CS Datasheet HTML 6Page - Elantec Semiconductor EL5397CS Datasheet HTML 7Page - Elantec Semiconductor EL5397CS Datasheet HTML 8Page - Elantec Semiconductor EL5397CS Datasheet HTML 9Page - Elantec Semiconductor EL5397CS Datasheet HTML 10Page - Elantec Semiconductor EL5397CS Datasheet HTML 11Page - Elantec Semiconductor EL5397CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier
Typical Performance Curves
Negative Output Swing vs Temperature for Various Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
110
160
Die Temperature (°C)
-3.8
60
Positive Output Swing vs Temperature for Various Loads
4.2
4.1
4
3.8
3.7
3.6
3.5
-40
10
110
160
Die Temperature (°C)
3.9
60
Positive Input Resistance vs Temperature
60
50
30
20
10
0
-40
10
110
160
Die Temperature (°C)
40
60
Supply Current vs Temperature
5
3
2
1
0
-40
10
110
160
Die Temperature (°C)
4
60
1k
Ω
150
Ω
1k
Ω
150
Ω
Output Current vs Temperature
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
Sink
Source
Slew Rate vs Temperature
4000
3500
3000
2500
-40
10
60
110
160
Die Temperature (°C)
AV=2
RF=RG=500Ω
RL=150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com