Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMR421GLFS Datasheet(PDF) 1 Page - C&K Components

Part # KMR421GLFS
Description  Microminiature SMT Top Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR421GLFS Datasheet(HTML) 1 Page - C&K Components

  KMR421GLFS Datasheet HTML 1Page - C&K Components KMR421GLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–11
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
Features/Benefits
• Long Life version
• 4 actuation forces
• Optional ground pin
• Ultra low current capabilities
• Excellent tactile feel
KMR 4 Series
Microminiature SMT Top Actuated
Typical Applications
• Automotive
• Cellular phones
• Industrial electronics
• Medical equipment
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 6,000 pieces for KMR 4
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
4 2,5 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
4
3
1
Contact Material
1 Silver
2 Silver long life
3 Gold
Grounding option
G Ground pin
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
KMR421 LFS
2.0 (200) ± 0.50
200 000
0.25 mm ± 0.1
KMR431 LFS
3.0 (300) ± 0.75
150 000
0.30 mm ± 0.1
KMR431 ULC LFS
3.0 (300) ± 0.75
150 000
0.30 mm ± 0.1
KMR432 LFS
3.0 (300) ± 0.75
300 000
0.30 mm ± 0.1
KMR432 ULC LFS
3.0 (300) ± 0.75
300 000
0.30 mm ± 0.1
KMR441 LFS
4.0 (400) ± 1.00
100 000
0.35 mm ± 0.1
KMR441 ULC LFS
4.0 (400) ± 1.00
100 000
0.35 mm ± 0.1
KMR442 LFS
4.0 (400) ± 1.00
200 000
0.35 mm ± 0.1
KMR442 ULC LFS
4.0 (400) ± 1.00
200 000
0.35 mm ± 0.1
Type G and NG
(except gold
version G only)
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
TACTILE FEELING: for KMR 4 series:
≥ 25%
U
L
C
L
F
S


Similar Part No. - KMR421GLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR421LFS CK-COMPONENTS-KMR421LFS Datasheet
169Kb / 2P
Microminiature SMT Top Actuated
More results

Similar Description - KMR421GLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR2 CK-COMPONENTS-KMR2 Datasheet
179Kb / 2P
Microminiature SMT Top Actuated
KMR4 CK-COMPONENTS-KMR4 Datasheet
169Kb / 2P
Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820 Datasheet
183Kb / 4P
Microminiature SMT Top Actuated
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
Microminiature SMT Top Actuated
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
Microminiature SMT Top Actuated
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
Microminiature SMT Top Actuated
14 Nov 22
PTS820 CK-COMPONENTS-PTS820_V01 Datasheet
213Kb / 3P
Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
Microminiature SMT Top Actuated
14 Nov 22
KMR2 CK-COMPONENTS-KMR2_V01 Datasheet
192Kb / 2P
Microminiature SMT Top Actuated
24 Aug 21
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
Microminiature SMT Top Actuated
24 Aug 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com