Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL7457CS Datasheet HTML 1Page - Elantec Semiconductor EL7457CS Datasheet HTML 2Page - Elantec Semiconductor EL7457CS Datasheet HTML 3Page - Elantec Semiconductor EL7457CS Datasheet HTML 4Page - Elantec Semiconductor EL7457CS Datasheet HTML 5Page - Elantec Semiconductor EL7457CS Datasheet HTML 6Page - Elantec Semiconductor EL7457CS Datasheet HTML 7Page - Elantec Semiconductor EL7457CS Datasheet HTML 8Page - Elantec Semiconductor EL7457CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Typical Performance Curves
Max Power
Temperature (°C)
11
25
100
75
050
0.2
0
1.0
0.6
0.4
0.8
θja=110°C/W, SO-16
θja=158°C/W, QSOP-16
Switch Threshold vs Supply Voltage
T=25°C
1.2
Supply Voltage (V)
10
1.0
1.8
1.6
1.4
715
12
510
High Limit = 2.4V
Low Limit = 0.8V
Hysteresis
Quiescent Supply Current vs Supply Voltage
T=25°C
815
0.6
Supply Voltage (V)
9
0
12
2.0
5
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.2
11
All Inputs = 0
All Inputs = VS+
“On” Resistance vs Supply Voltage
IOUT=100mA, T=25°C
15
3
Supply Voltage (V)
8
2
9
5
8
7
6
5
4
10
tR
tF
Rise/Fall Time vs Supply Voltage
CL=1000pF, T=25°C
7.5
15
15
Supply Voltage (V)
1
5
12.5
25
5
Rise/Fall Time vs Temperature
CL=1000pF, VS+=15V
150
10
Temperature (°C)
2
6
100
16
-50
10
20
10
50
12
14
8
tF
tR
0
VH to OUT
VL to OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com