Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZICM357SP0-1-R Datasheet(PDF) 16 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 16 Page - California Eastern Labs

Back Button ZICM357SP0-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 16Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 17Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 18Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
EM357 Mini Modules
Page 16
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
Shipment
The MeshConnect Modules have two delivery options (see Ordering Information on page 3):
1. Trays (in bundles) of 330 units. Each tray contains 66 units
2. Tape and Reel for easy assembly in a manufacturing environment. The reel diameter is 12.992
inches (330mm) and contains 600 modules
Tape and Reel Dimensions
Measurements are in inches [mm]
Handling
The MeshConnect Modules are designed and packaged to be processed in an automated assembly line.
Warning
The MeshConnect Modules contain highly sensitive electronic circuitry. Handling without proper ESD protection
may destroy or damage the module permanently.
Warning
The MeshConnect Modules are moisture-sensitive devices. Appropriate handling instructions and precautions
are summarized in J-STD-033. Read carefully to prevent permanent damage due to moisture intake.
Moisture Sensitivity Level (MSL)
MSL 3, per J-STD-033
Storage
Storage/shelf life in sealed bags is 12 months at <40°C and < 90% relative humidity.
QUALITY
CEL Modules offer the highest quality at competitive prices. Our modules are manufactured in compliance with
the IPC-A-610 specification, Class II. Our modules go through JESD22 qualification processes which include
high temperature operating life tests, mechanical shock, temperature cycling, humidity and reflow testing. CEL
conducts RF and DC factory testing on 100% of all production parts.
CEL builds the quality into our products, giving our customers confidence when integrating our products into
their systems.
SHIPMENT, HANDLING AND STORAGE
0.079±0.004 [2.00±0.10]
0.071±0.004 [1.75±0.10]
0.795±0.006 [20.20±0.15]
1.732±0.011 [44.00±0.30]
0.014±0.002 [0.35±0.05]
0.957±0.004 [24.30±0.10]
0.169±0.004 [4.30±0.10]
0.945±0.004 [24.00±0.10]
0.669±0.004 [17.00±0.10]
SECTION A-A
A
A
0.157 [4.00] PITCH
SECTION B-B
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com