Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZICM357SP0-1C-R Datasheet(PDF) 1 Page - California Eastern Labs

Part # ZICM357SP0-1C-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1C-R Datasheet(HTML) 1 Page - California Eastern Labs

  ZICM357SP0-1C-R Datasheet HTML 1Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 2Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
Date Published: October 18, 2013
Page 1
MeshConnect™ EM357 Mini Modules
DESCRIPTION
The MeshConnect™ EM357 Mini Modules from
California Eastern Laboratories (CEL) combine high
performance RF solutions with the market's premier
ZigBee® stack. Available in low and high output
power options (+8dBm and +20dBm), these modules
can accommodate variable range and performance
requirements. The mini module footprint makes them
suitable for a wide range of ZigBee applications. The
MeshConnect EM357 Mini Modules are certified and
qualified, enabling customers to accelerate time to
market by greatly reducing the design and certification
phases of development.
CEL's MeshConnect EM357 Mini Modules
(ZICM357SP0 and ZICM357SP2) are based on the
Ember EM357 ZigBee compliant SoC radio IC. The
IC is a single-chip solution, compliant with ZigBee
specifications and IEEE 802.15.4, a complete
wireless solution for all ZigBee applications. The
IC consists of an RF transceiver with the baseband
modem, a hardwired MAC and an embedded 32-
bit ARM® Cortex™-M3 microcontroller with internal
RAM (12kB) and Flash (192kB) memory. The device
provides numerous general-purpose I/O pins and
peripheral functions such as timers and UARTs.
Integrated Transceiver Modules for ZigBee / IEEE 802.15.4
Development Kit available: ZICM-EM35X-DEV-KIT-2
MeshConnect™ EM357 Mini Modules
ZICM357SP0, ZICM357SP2
EmberTM EM357 Transceiver Based Modules
•
High RF Performance:
Up to 123dB RF Link Budget
RX Sensitivity:
-100dBm (ZICM357SP0)
-103dBm (ZICM357SP2)
•
Data Rate: 250kbps
•
Advanced Cortex-M3 Processor
•
Advanced Power Management
•
16 RF Channels
•
Industry's Premier ZigBee Pro
Stack: EmberZNet PRO™
FEATURES
•
Mini Footprint:
- 0.940" x 0.655"
(23.9mm x 16.6mm)
•
Antenna Options
1) Integrated PCB Trace Antenna
or
2) RF Port for External Antenna
•
Supports Mesh Networks
•
AES Encryption
•
FCC, CE and IC Certifications
•
ROHS Compliant
APPLICATIONS
•
Smart Energy/Grid Markets
- Thermostats
- In-Home Displays
- Smart Plugs
•
Home Automation and Control
- Energy Management
- Security Devices
- HVAC Control
•
Building Automation
and Control
•
Commercial and Residential
Lighting
- Fixtures and Control
•
Solar Inverters and Control
•
General ZigBee Wireless
Sensor Networking
ZICM357SP0
ZICM357SP2
+8dBm
+20dBm
-100dBm
-103dBm
+108dB
+123dB
Tx:
Rx:
Link Budget:
DATASHEET
• 192 kB FLASH
• 12 kB SRAM
• 32-bit ARM® Cortex™-M3
• Up to 23 GPIO Pins
• SPI (Master/Slave), TWI, UART
• Timers, Serial Wire/JTAG Interface
• 5-channel 14-bit ADC


Similar Part No. - ZICM357SP0-1C-R

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM357P2-1 CEL-ZICM357P2-1 Datasheet
1Mb / 15P
Ember EM357 Transceiver Based Module
ZICM357P2-1C CEL-ZICM357P2-1C Datasheet
1Mb / 15P
Ember EM357 Transceiver Based Module
ZICM357P2-KIT1-1 CEL-ZICM357P2-KIT1-1 Datasheet
1Mb / 15P
Ember EM357 Transceiver Based Module
More results

Similar Description - ZICM357SP0-1C-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Silicon Laboratories
EM35X SILABS-EM35X Datasheet
3Mb / 43P
EM35x Development Kit
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
KIT DEV FOR SMART/ZIGBEE/6LOWPAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com