Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

883 Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # 883
Description  0.1 Amp Power Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

883 Datasheet(HTML) 3 Page - Elantec Semiconductor

  883 Datasheet HTML 1Page - Elantec Semiconductor 883 Datasheet HTML 2Page - Elantec Semiconductor 883 Datasheet HTML 3Page - Elantec Semiconductor 883 Datasheet HTML 4Page - Elantec Semiconductor 883 Datasheet HTML 5Page - Elantec Semiconductor 883 Datasheet HTML 6Page - Elantec Semiconductor 883 Datasheet HTML 7Page - Elantec Semiconductor 883 Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELH0041G8838508701ZX
01 Amp Power Operational Amplifier
DC Electrical Characteristics V
S
e g
15V TMIN s TA s TMAX CC e 3000 pF
Contd
Parameter
Description
Test Conditions
ELH0041
Units
Min
Typ
Max
Test
Level
CMRR
Common-Mode
RS s 100X VCM e g10V
70
90
I
dB
Rejection Ratio
VINCM
Input Voltage Range
g
12
IV
V
PSRR
Power Supply
RS s 100X VS e g5V to g15V
80
96
I
dB
Rejection Ratio
AV
Voltage Gain
VO e g10V RL e 1kX TA e 25 C
100
200
I
VmV
(Note 5)
VO e g10V RL e 100X
25
I
VmV
VO
Output Voltage Swing
RL e 100X
g
13
14
I
V
ISC
Output Short
TA e 25 C RSC e 33X
200
300
I
mA
Circuit Current
IS
Supply Current
VOUT e 0V
25
35
I
mA
PC
Power Consumption
VOUT e 0V
75
105
I
mW
Note 1 Rating applies for supply voltages above g15V For supplies less than g15V rating is equal to supply voltage
Note 2 Rating applies for LH0041G with RSC e 0X
Note 3 Rating applies as long as package power rating is not exceeded
Note 4 Specifications apply for g5V s VS s 18V
Note 5 The ELH0041 like all Class B amplifiers has a ‘‘dead band’’ when VOUT is near zero volts Typical values for the ‘‘dead
band’’ are in the 50
mVto200 mV range Open-loop gain is measured at VOUT from g05 VDC to g10 VDC which is out of
the range of the ‘‘dead band’’
AC Electrical Characteristics T
A
e
25 C VS e g15V CC e 3000 pF
Parameter
Description
Test Conditions
ELH0041
Units
Min
Typ
Max
Test
Level
SR
Slew Rate
AV e 1 RL e 100X
15
3
I
V
ms
BW
Bandwidth
RL e 100X
20
V
kHz
tr tf
Small Signal
03
1
I
ms
Rise or Fall Time
Small Signal Overshoot
5
20
I
%
tS
Settling Time (01%)
DVIN e 10V AV e 14
V
ms
Overload Recovery Time
3
V
ms
HD
Harmonic Distortion
f e 1 kHz PO e 05W
02
V
%
EN
Input Noise Voltage
RS e 50X BW e 10 Hz to 10 kHz
5
V
mVrms
IN
Input Noise Current
BW e 10 Hz to 10 kHz
005
V
nArms
CIN
Input Capacitance
3
V
pF
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com