Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6T33AYCAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA6T33AYCAY
Description  Automotive 600 W Transil in SMA package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T33AYCAY Datasheet(HTML) 1 Page - STMicroelectronics

  SMA6T33AYCAY Datasheet HTML 1Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 2Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 3Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 4Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 5Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 6Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 7Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 8Page - STMicroelectronics SMA6T33AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
March 2012
Doc ID 17869 Rev 3
1/11
11
SMA6TY
Automotive 600 W Transil™ in SMA package
Datasheet
− production data
Features
■
Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
■
Stand off voltage range: from 5 V to 70 V
■
Unidirectional and bidirectional types
■
Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■
Operating Tj max: 150 °C
■
JEDEC registered package outline
■
Resin meets UL 94, V0
■
AEC-Q101 qualified
Complies with the following standards
■
ISO 10605, C = 150 pF, R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
■
ISO 10605, C = 330 pF, R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
■
ISO 7637-2(a)
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Description
The SMA6TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according to ISO 10605.
The planar technology makes this device
compatible with high-end circuits where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. SMA6TY are packaged in SMA (SMA
footprint in accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
K
A
Unidirectional
Bidirectional
SMA
(JEDEC DO-214AC)
www.st.com


Similar Part No. - SMA6T33AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T33AY STMICROELECTRONICS-SMA6T33AY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6T33AY STMICROELECTRONICS-SMA6T33AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
More results

Similar Description - SMA6T33AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
Automotive 600 W Transil
15-Sep-2010
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
Automotive 600 W Transil
09-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com