Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST175 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST175
Description  P-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST175 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST175 Datasheet HTML 1Page - Vishay Siliconix SST175 Datasheet HTML 2Page - Vishay Siliconix SST175 Datasheet HTML 3Page - Vishay Siliconix SST175 Datasheet HTML 4Page - Vishay Siliconix SST175 Datasheet HTML 5Page - Vishay Siliconix SST175 Datasheet HTML 6Page - Vishay Siliconix SST175 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
J/SST174/175/176/177 Series
Vishay Siliconix
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
www.vishay.com
9-3
SPECIFICATIONS FOR J/SST176 AND J/SST177 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST176
J/SST177
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = 1 mA , VDS = 0 V
45
30
30
Gate-Source Cutoff Voltage
VGS(off)
VDS = –15 V, ID = –10 nA
1
4
0.8
2.25
V
Saturation Drain Currentb
IDSS
VDS = –15 V, VGS = 0 V
–2
–35
–1.5
–20
mA
VGS = 20 V, VDS = 0 V
0.01
1
1
Gate Reverse Current
IGSS
TA = 125_C
5
Gate Operating Current
IG
VDG = –15 V, ID = –1 mA
0.01
nA
VDS = –15 V, VGS = 10 V
–0.01
–1
–1
Drain Cutoff Current
ID(off)
TA = 125_C
–5
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, VDS = –0.1 V
250
300
W
Gate-Source Forward Voltage
VGS(F)
IG = –1 mA , VDS = 0 V
–0.7
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = –15 V, ID = –1 mA
4.5
mS
Common-Source Output Conductance
gos
f = 1 kHz
20
mS
Drain-Source On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA , f = 1 kHz
250
300
W
Common-Source Input Capacitance
Ciss
VDS = 0 V, VGS = 0 V, f = 1 MHz
20
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 0 V, VGS = 10 V
f = 1 MHz
5
pF
Equivalent Input Noise Voltage
en
VDG = –10 V, ID = –1 mA
f = 1 kHz
20
nV
⁄
√Hz
Switching
td(on)
10
Turn-On Time
tr
VGS(L) = 0 V, VGS(H) = 10 V
15
td(off)
GS(L)
GS(H)
See Switching Circuit
10
ns
Turn-Off Time
tf
20
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
PSCIA
b.
Pulse test: PW
v300 ms duty cycle v3%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com