Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSST202 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # JSST202
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST202 Datasheet(HTML) 5 Page - Vishay Siliconix

  JSST202 Datasheet HTML 1Page - Vishay Siliconix JSST202 Datasheet HTML 2Page - Vishay Siliconix JSST202 Datasheet HTML 3Page - Vishay Siliconix JSST202 Datasheet HTML 4Page - Vishay Siliconix JSST202 Datasheet HTML 5Page - Vishay Siliconix JSST202 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
J/SST201 Series
Vishay Siliconix
Document Number: 70233
S-40393—Rev. G, 15-Mar-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Common-Source Input Capacitance
vs. Gate-Source Voltage
10
0
−12
−16
−20
−8
−4
8
6
4
2
0
5
0
−12
−20
−16
−8
−4
4
3
2
1
0
Common-Source Reverse Feedback Capacitance
vs. Gate-Source Voltage
VGS − Gate-Source Voltage (V)
VDS = 0 V
10 V
f = 1 MHz
VGS − Gate-Source Voltage (V)
VDS = 0 V
10 V
f = 1 MHz
10
100
1 k
100 k
10 k
20
16
12
8
4
0
Output Conductance vs. Drain Current
ID − Drain Current (mA)
TA = −55_C
125_C
Equivalent Input Noise Voltage vs. Frequency
f − Frequency (Hz)
VDS = 10 V
ID @ 100 mA
VGS = 0 V
3
2.4
1.8
0.8
0.4
0
0.01
0.1
1
25_C
Output Characteristics
300
0
0.5
240
180
120
60
0
VDS − Drain-Source Voltage (V)
0.1
0.2
0.3
0.4
Output Characteristics
1.0
0
1.0
0.8
0.6
0.4
0.2
0
VDS − Drain-Source Voltage (V)
0.2
0.4
0.6
0.8
VGS(off) = −0.7 V
VGS = 0 V
−0.1
−0.2
−0.3
−0.4
−0.5
VGS(off) = −1.5 V
VGS = 0 V
−0.3
−0.6
−0.9
−1.2
VDS = 10 V
f = 1 kHz
VGS(off) = −1.5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com