Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSST204 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # JSST204
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST204 Datasheet(HTML) 1 Page - Vishay Siliconix

  JSST204 Datasheet HTML 1Page - Vishay Siliconix JSST204 Datasheet HTML 2Page - Vishay Siliconix JSST204 Datasheet HTML 3Page - Vishay Siliconix JSST204 Datasheet HTML 4Page - Vishay Siliconix JSST204 Datasheet HTML 5Page - Vishay Siliconix JSST204 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J/SST201 Series
Vishay Siliconix
Document Number: 70233
S-40393—Rev. G, 15-Mar-04
www.vishay.com
1
N-Channel JFETs
J201
SST201
J202
SST202
J204
SST204
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
J/SST201
−0.3 to −1.5
−40
0.5
0.2
J/SST202
−0.8 to −4
−40
1
0.9
J/SST204
−0.3 to −2
−25
0.5
0.2
FEATURES
BENEFITS
APPLICATIONS
D Low Cutoff Voltage: J201 <1.5 V
D High Input Impedance
D Very Low Noise
D High Gain: AV = 80 @ 20 mA
D Full Performance from Low Voltage
Power Supply: Down to 1.5 V
D Low Signal Loss/System Error
D High System Sensitivity
D High Quality Low-Level Signal
Amplification
D High-Gain, Low-Noise Amplifiers
D Low-Current, Low-Voltage
Battery-Powered Amplifiers
D Infrared Detector Amplifiers
D Ultra High Input Impedance
Pre-Amplifiers
DESCRIPTION
The J/SST201 series features low leakage, very low noise,
and low cutoff voltage for use with low-level power supplies.
The J/SST201 is excellent for battery powered equipment and
low current amplifiers.
The J series, TO-226 (TO-92) plastic package, provides low
cost, while the SST series, TO-236 (SOT-23) package,
provides surface-mount capability. Both the J and SST series
are available in tape-and-reel for automated assembly (see
Packaging Information).
For similar products in TO-206AA (TO-18) packaging, see the
2N4338/4339/4340/4341 data sheet.
For applications information see AN102 and AN106.
TO-226AA
(TO-92)
Top View
J201
J202
J204
D
G
S
1
2
3
D
S
G
TO-236
(SOT-23)
2
3
1
Top View
SST201 (P1)*
SST202 (P2)*
SST204 (P4)*
*Marking Code for TO-236


Similar Part No. - JSST204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
JSST204 VISHAY-JSST204 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
More results

Similar Description - JSST204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com