Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST201 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST201
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST201 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST201 Datasheet HTML 1Page - Vishay Siliconix SST201 Datasheet HTML 2Page - Vishay Siliconix SST201 Datasheet HTML 3Page - Vishay Siliconix SST201 Datasheet HTML 4Page - Vishay Siliconix SST201 Datasheet HTML 5Page - Vishay Siliconix SST201 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J/SST201 Series
Vishay Siliconix
Document Number: 70233
S-40393—Rev. G, 15-Mar-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Gate Leakage Current
2
012
16
8
420
1.6
1.2
0.8
0.4
0
Output Characteristics
VDS − Drain-Source Voltage (V)
VGS = 0 V
−0.6 V
−0.9 V
−0.3 V
VGS(off) = −1.5 V
−1.2 V
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
10
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
015
30
VDG − Drain-Gate Voltage (V)
IGSS @ 125_C
IGSS @ 25_C
TA = 125_C
TA = 25_C
ID = 100 mA
ID = 500 mA
IG @ ID = 500 mA
ID = 100 mA
0
8
6
4
2
0
−5
−4
−3
−2
−1
5
4
1
3
2
0
VGS(off) − Gate-Source Cutoff Voltage (V)
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
gfs
IDSS
1500
0
−3
−5
−4
−2
−1
1200
900
600
300
0
0.01
0.1
1
2
1.6
0.8
0.4
0
10
8
4
2
0
400
012
16
420
360
160
80
0
Output Characteristics
Common-Source Forward Transconductance
vs. Drain Current
ID − Drain Current (mA)
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS − Drain-Source Voltage (V)
TA = −55_C
125_C
−0.2 V
−0.4 V
−0.1 V
−0.3 V
rDS @ ID = 100 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V, f = 1 kHz
rDS
gos
6
1.2
240
8
VGS(off) = −0.7 V
25_C
−0.5 V
VDS = 10 V
f = 1 kHz
VGS(off) = −1.5 V
VGS = 0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com