Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB38N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB38N65M5
Description  N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB38N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB38N65M5 Datasheet HTML 4Page - STMicroelectronics STB38N65M5 Datasheet HTML 5Page - STMicroelectronics STB38N65M5 Datasheet HTML 6Page - STMicroelectronics STB38N65M5 Datasheet HTML 7Page - STMicroelectronics STB38N65M5 Datasheet HTML 8Page - STMicroelectronics STB38N65M5 Datasheet HTML 9Page - STMicroelectronics STB38N65M5 Datasheet HTML 10Page - STMicroelectronics STB38N65M5 Datasheet HTML 11Page - STMicroelectronics STB38N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STB38N65M5, STF38N65M5, STP38N65M5, STW38N65M5
8/22
DocID022851 Rev 3
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
40
20
0
0
10
VDS(V)
20
(A)
5
15
25
60
80
VGS = 6 V
VGS = 8 V
VGS = 7 V
VGS = 10 V
AM12637v1
ID
40
20
0
3
5
VGS(V)
7
(A)
4
6
8
60
80
VDS= 25V
AM12638v1
VGS
4
0
0
Qg(nC)
(V)
40
8
20
VDD=520V
ID=15A
12
300
200
100
0
400
500
VDS
VDS
60
80
(V)
AM12639v1
RDS(on)
0.070
0.068
0.066
0.064
0
10
ID(A)
(
Ω)
5
15
0.072
0.074
0.076
0.088
VGS=10V
20
25
AM12640v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM12641v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500
600
14
AM12642v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com