Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-225D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT-225D
Description  Ratchet Crimping Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-225D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT-225D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Veena 06/01/09
06/01/09
20/01/09
Suresh
Farnell
RELEASED
HT-225D
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2009.
TOLERANCES:
DRAWN BY:
Veena
Suresh
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Ratchet Crimping Tool
1624832-TDS_DWG
M10001901
06/01/09
DATE:
SIZE
SCALE: NTS
U.O.M.:
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
06/01/09
A
DATE:
20/01/09
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specifications:
Length
: 8 1/4 inches (210 ±3mm).
Weight : 390g.
Material:
Frame
: Middle carbon steel and harden.
Die
: Made of SAE J404C alloy steel.
Finish
: Black oxide.
Specification Table
Die Number
Crimp Open Barrel Connectors
(AWG)
Part Number
D
18 to 22, 24 to 30
HT-225D


Similar Part No. - HT-225D

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
HT-224CB MULTICOMP-HT-224CB Datasheet
358Kb / 1P
Punchdown Tool
17/10/12 V1.0
More results

Similar Description - HT-225D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
Hand crimping tool
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
List of Unclassifed Man...
HTS2500 ETC2-HTS2500 Datasheet
290Kb / 1P
Ratchet Action Modular Plug Crimping Tool
D00125 ETC2-D00125 Datasheet
31Kb / 1P
Modular Ratchet Crimp Tool
logo
Rosenberger Hochfrequen...
11W161-800 ROSENBERGER-11W161-800 Datasheet
681Kb / 3P
Crimping Tool
logo
Weidmuller
9028740000 WEIDMULLER-9028740000 Datasheet
62Kb / 2P
Assortment crimping tool, Crimping tool: PZ 6/5
September 28, 2021
9028770000 WEIDMULLER-9028770000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028790000 WEIDMULLER-9028790000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX Plus
September 28, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com