Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1831 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 5 Page - STMicroelectronics

  STM1831 Datasheet HTML 1Page - STMicroelectronics STM1831 Datasheet HTML 2Page - STMicroelectronics STM1831 Datasheet HTML 3Page - STMicroelectronics STM1831 Datasheet HTML 4Page - STMicroelectronics STM1831 Datasheet HTML 5Page - STMicroelectronics STM1831 Datasheet HTML 6Page - STMicroelectronics STM1831 Datasheet HTML 7Page - STMicroelectronics STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STM1831
Description
Doc ID 18180 Rev 1
5/24
1
Description
The STM1831 is a voltage detector with very low current consumption. It monitors a voltage
on a separate input pin (VSEN), which is fully functional even if the monitored voltage goes
down to 0 V. In addition, the delay of the output can be adjusted by an external capacitor.
Figure 1.
Logic diagram
.
Figure 2.
SOT23-5 pin connections (top view)
Table 1.
Pin descriptions
Pin
Type
Name
Function
1
Output open drain
RST
Active-low reset output
2Power
VSS
Ground
3Power
VCC
Supply voltage
4
Input
VSEN
Sense voltage
5I/O
CD
Delay capacitor
STM1831
RST
VSS
CD
VCC
VSEN
AM00700
1
2
34
CD
VSEN
VCC
VSS
RST
5
AM00852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com