| Electronic Components Datasheet Search |
|
DAC8562FSZ Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8562FSZ Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() DAC8562 REV. A –15– DAC8562 – M68HC11 Interface Program Source Code * * DAC8562 to M68HC11 Interface Assembly Program * Adolfo A. Garcia * September 14, 1992 * * M68HC11 Register definitions * PORTB EQU $1004 PORTC EQU $1003 Port C control register * “0,0,0,0;0,CLR/,CE/,MSB-LSB/” DDRC EQU $1007 Port C data direction * * RAM variables: MSBS are encoded from 0 (Hex) to F (Hex) * LSBS are encoded from 00 (Hex) to F (Hex) * DAC requires two 8-bit loads * MSBS EQU $00 Hi-byte: “0,0,0,0;MSB,DB10,DB9,DB8” LSBS EQU $01 Lo-byte: “DB7,DB6,DB5,DB4;DB3,DB2, DB1,DB0” * * Main Program * ORG $C000 Start of user’s RAM in EVB INIT LDS #$CFFF Top of C page RAM * * Initialize Port C Outputs * LDAA #$07 0,0,0,0;0,1,1,1 STAA DDRC CLR/,CE/, and MSB-LSB/ are now enabled as outputs LDAA #$06 0,0.0,0;0,1,1,0 * CLR/-Hi, CE/-Hi, MSB-LSB/-Lo STAA PORTC Initialize Port C Outputs * * Call update subroutine * BSR UPDATE Xfer 2 8-bit words to DAC8562 JMP $E000 Restart BUFFALO * * Subroutine UPDATE * UPDATE PSHX Save registers X, Y, and A PSHY PSHA * * Enter contents of the Hi-byte input register * LDAA #$0A 0,0,0,0;1,0,1,0 STAA MSBS MSBS are set to 0A (Hex) * * Enter Contents of’ Lo-byte input register * LDAA #$AA 1,0,1,0;1,0,1,0 STAA LSBS LSBS are set to AA (Hex) * LDX #MSBS Stack pointer at 1st byte to send via Port B LDY #$1000 Stack pointer at on-chip registers * * Clear DAC output to zero * BCLR PORTC,Y $04 Assert CLR/ BSET PORTC,Y $04 De-assert CLR/ * * Loading input buffer latches * BSET PORTC,Y $01 Set hi-byte register load TFRLP LDAA 0,X Get a byte to transfer via Port B STAA PORTB Write data to input register INX Increment counter to next byte for transfer CPX #LSBS+1 Are we done yet ? BEQ DUMP If yes, update DAC output BCLR PORTC,Y $01 Latch hi-byte register and set lo-byte register load BRA TFRLP * DAC8562–M68HC11 Interface Program Source Code (Continued) * Update DAC output with contents of input registers * DUMP BCLR PORTC,Y $02 Assert CE/ BSET PORTC,Y $02 Latch DAC register * PULA When done, restore registers X, Y & A PULY PULX RTS ** Return to Main Program ** |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |