Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPDM2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPDM2A
Description  ID tools and machines
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPDM2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPDM2A Datasheet HTML 1Page - List of Unclassifed Manufacturers HPDM2A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
948
949
Optional: Control unit for pneumatic presses
Pneumatic press
Pistol tool
for discrete wires and jumper wires
AP-2
AP-2D
MP-CU
AP-2H
ID applicator
for 1.27mm(.050") pitch ribbon cables
ID applicator
for discrete wires and jumper wires
ID applicator
for 1.27mm(.050") pitch ribbon cables
Pneumatic press
Pneumatic press
Specifications
• Dimensions: (W x L x H)141 x 252 x 301mm
(5.6" x 9.9" x 11.9")
• Weight: Approx. 16kg(35lb)
• Air pressure: 490 to 690 kPa (5 to 7 kgf/sq.cm)
• Strokes: 50 max./minute
• Pressure output: Approx. 3.8kN (390 kgf)
when air pressure is 490 kPa (5 kgf/sq.cm)
• Operation method: Air-operated foot valve
• Dies: Applicator replacement
Note: For the HR connectors, please use AP-2H
press that provides bigger pressure output.
The filter regulator & pressure switch help to make reliable operation even
under the air condition is not stable. Light and compact.
Specifications
• Dimensions: (W x L x H)200 x 300 x 230mm(7.9" x 11.8" x 9.1")
• Weight: Approx. 5kg(11 lb)
• Power source: 100/115/220/240V AC, single-phase, 50/60 Hz
• Air pressure: 490 to 686 kPa (5 to 7 kgf/sq.cm)
• Accessories: Foot switch, power cord
Versatile press applicable
to various ID applicators.
Specifications
• Dimensions: (W x L x H)
184 x 302 x 491mm
(7.2" x 11.9" x 19.3")
• Weight: Approx. 30kg(66 lb)
• Air pressure : 490 to 690 kPa (5 to 7 kgf/sq.cm)
• Strokes: 50 max./minute
• Pressure output: Approx. 7.5kN (Approx. 760 kgf)when
air pressure is 490 kPa (5 kgf/sq.cm)
• Operation method: Air-operated foot valve
• Dies: Applicator replacement
IDB-12
<Made in
Germany>
Specifications
• Dimensions: (W x L x H)23 x 135 x 175mm
(.9" x 5.3" x 6.9")
• Weight: 270g(1lb)
• Dies: Head adaptor (IDH series)
replacement
• Compact, light and maintenance free. No
inspection or lubrication is necessary.
Specifications
• Dimensions: (W x L x H)141 x 252 x 301mm
(5.6" x 9.9" x 11.9")
• Weight: Approx. 16kg(35lb)
• Air pressure: 490 to 686 kPa (5 to 7 kgf/sq.cm)
• Strokes: 50 max./minute
• Applicable connectors: JST's RA, RC & RX connectors
• Pressure output: Approx. 3.8kN (Approx. 390 kgf)
when air pressure is 490 kPa (5 kgf/sq.cm)
• Operation method: Air-operated foot valve
• Dies: Applicator replacement
APPLICATION TOOLING
The arrow mark indocates the press that is applicable to the applicator.
ID tools and machines
ID tools and machines
5-B
MKD-LP
H2 series
ID applicator
for discrete wires
ID applicator
for discrete wires and jumper wires
Pneumatic press
Pneumatic press
Hand press
Auto. ID machines for discrete wires
BCD-M5BP
Auto. ID machines for shielded wires
SCD-M15B
Auto. ID machines for multi-harnesses
CAM-M12B
Note: MKD-LP applicators are not applicable
to the connectors with glass-filled nylon
housings i.e. 12 to 15-circuit DD/DS
connectors and 13 to 16-circuit KR
connectors.
Specifications
• Dimensions: (WXLXH)95X515X203mm
(3.7"X20.3"X8.0")
• Weight: Approx. 6.5kg(14lb)
• Applicable press: AP-K2N
• Applicable connectors: JST'S connectors
for discrete wires.
Auto. ID machines for 2.5 mm (.098")
& 2.0 mm (.079") pitch jumper wires
RCD-M9BE
Simple and compact pneumatic press without
electrically controlled unit.
Specifications
• Dimensions: (WXLXH)180X150X250mm
(7.1"X5.9"X9.8")
• Weight: Approx. 10kg(22lb)
• Air pressure: 490 to 690kPa (5 to 7kgf/sq.cm)
• Dies: Dies-Main body integrated
• Strokes: 50 max./minute
Specifications
• Dimensions: (W x L x H)130 x 280 x 383mm
(5.1" x 11.0" x 15.1")
• Weight: Approx. 7kg(15 lb)
Note: The difference between the HPD-M2A and
the HPD-M2A-HID is the main shaft.
HPD-M2A is for the H2A series applicators
HPD-M2A-HID is for the HID series
applicators
HPD-M2A
HPD-M2A-HID
MKD-LP+AP-K2N
MP-2A
H2A series
FP series
HID series
Pneumatic press for
1.27mm(.050") ribbon cable
connectors. Operation is
easy and safe as the
connector and cable can be
set while the sliding
applicator is drawn out of
the terminating section.
Versatile press applicable to
various ID applicators.


Similar Part No. - HPDM2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPD VISHAY-HPD Datasheet
112Kb / 2P
High Voltage Disc Capcitors, Screw mounting
21-Feb-02
HPD VISHAY-HPD Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPD-40GF HOKURIKU-HPD-40GF Datasheet
193Kb / 1P
Pressure Sensor
logo
Vishay Siliconix
HPD021WP35138AX1 VISHAY-HPD021WP35138AX1 Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
More results

Similar Description - HPDM2A

ManufacturerPart #DatasheetDescription
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
Tools and harnessing machines
HA35F LUMBERG-HA35F Datasheet
537Kb / 3P
Tools and harnessing machines
HA67 LUMBERG-HA67 Datasheet
667Kb / 3P
Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
Tools and harnessing machines
HA35F-KC-KT LUMBERG-HA35F-KC-KT Datasheet
555Kb / 3P
Tools and harnessing machines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com