Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPLR1320B Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPLR1320B
Description  FIBER OPTIC Receiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR1320B Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPLR1320B Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR1320B Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR1320B Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR1320B Datasheet HTML 4Page - COSMO  Electronics Corporation KPLR1320B Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT SPECIFICATION
DATE:05/18/2004
NO.60F01002 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR1320B
SHEET 2 OF 5
1
1. Maximum Ratings(Ta=25℃,Vcc=3.3V/5V)
Parameter
Symbol
Rating
Unit
Storage Temperature
Tstg
-40~80
Operating Temperature
Topr
-20~70
Supply Voltage
Vcc
-0.5~7
V
Input Voltage
VIN
-0.5~Vcc+0.5
V
Soldering Temperature
Tsol
260Note 1
Note 1:Soldering time ≦ 10 seconds(At a distance of 1 mm from the package).
2. Recommended Operating Conditions(Ta=25℃,Vcc=3.3V/5V)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
2.7
3.3
5.5
V
Operating transfer rate
T
0.1
-
13.2
Mbps
Input optical power level
PI
-24
-
-14.5
dBm
3. Electrical and Optical Characteristics :Receiver(Ta=25℃,Vcc=3.3V/5V)
Parameter
Symbol
Condition
Min Typ. Max Unit
Operating transfer rate
T
NRZ Signal
Note 2
0.1
-
13.2 Mb/s
Operating voltage
Vcc
2.7
3.3
5.5
V
Optical Input SensitivityNote 3
PI
-24
-
-14.5 dBm
Peak Emission Wavelength
λp
-
700
-
nm
Dissipation Current
Icc
Refer to Fig.(1)
-
8
15
mA
High Level Output Voltage
VOH
Refer to Fig.(2)
2.4
-
-
V
Low Level Output Voltage
VOL
Refer to Fig.(2)
-
-
0.4
V
Rise time
tr
Refer to Fig.(2)
-
10
15
ns
Fall time
tf
Refer to Fig.(2)
-
10
15
ns
Low->High Propagation delay
time
tPLH
Refer to Fig.(2)
-
-
180
ns
High -> Low Propagation delay
time
tPHL
Refer to Fig.(2)
-
-
180
ns
Pulse Width Distortion
tw
Refer to Fig.(2)
-20
-
20
ns
Jitter Time
tj
Refer to Fig.(3)
-
-
15
ns
Note 2:LED is ON when input signal is high, and OFF when it is low.
The duty factor must be maintained between 25 to 75%.
Note 3:Measure with a standard optical fiber, peak value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com