Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACPES0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACPES0004
Description  E-Series 75 Ohm Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACPES0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACPES0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACPES0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1557 B
23/10/’00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Intermod Distortion
• Coupling 10db Typical
• Surface Mount
• Tape and Reel Packaging available
Description
M/A-COM’s MACPES0004 is a high performance 75 Ohm
Coupler, in a SM-132 low cost, surface mount package. The
MACPES0004 is specifically designed for extremely low
intermod distortion in CATV applications. The MACPES0004
required the use of a 6+/-5%uH shunt inductor and a series
1500+/-5% pF capacitor on the input and a 3300+/-5% pF
series capacitor on the output to meet the performance char-
acteristics below.
SM-132 Package
E-Series 75 Ohm Coupler
5 - 870 MHZ
Electrical Specifications @25°C
Frequency Range 5 - 870 MHz
Units
Nominal
Typical
Minimum
Maximum
Mainline Loss
5 - 450 MHz
450-870 MHz
dB
dB
—
—
1.1
1.3
—
—
1.3
1.6
Coupling
5 - 870 MHz
dB
10.2
—
—
± 0.5
Coupling Flatness
dB
—
—
—
1.0
Isolation
5 - 450 MHz
450-870MHz
dB
dB
—
—
35
28
25
18
—
—
Input Return Loss
5 - 870 MHz
dB
—
24
18
—
Output Return Loss
5 - 870 MHz
dB
—
26
20
—
Coupled Return Loss
5- 870 MHz
dB
—
21
17
—
Please Note that the photograph above indicates package shape only, unit may be wired differently.
MACPES0004


Similar Part No. - MACPES0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACPES0004 MACOM-MACPES0004 Datasheet
62Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
logo
M/A-COM Technology Solu...
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
MACPES0004 MA-COM-MACPES0004_15 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
More results

Similar Description - MACPES0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELDC-12 MACOM-ELDC-12 Datasheet
164Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-EMDC-13-1-75 MA-COM-DS-EMDC-13-1-75 Datasheet
342Kb / 2P
E-Series 75 Ohm Coupler
EMDC-16-8-75 MA-COM-EMDC-16-8-75 Datasheet
158Kb / 2P
E-Series 75 Ohm Coupler
MACPES0034 MA-COM-MACPES0034 Datasheet
73Kb / 2P
E-Series 75 Ohm Coupler
MACPSE0028 MA-COM-MACPSE0028 Datasheet
67Kb / 2P
E-Series 75 Ohm Coupler
MACP-009011-C80370 MA-COM-MACP-009011-C80370 Datasheet
103Kb / 3P
E-Series 75 Ohm 8 dB Coupler
MACPES0004 MA-COM-MACPES0004_15 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
MACPES0034 MA-COM-MACPES0034_15 Datasheet
73Kb / 2P
E-Series 75 Ohm Coupler
MACPSE0028 MA-COM-MACPSE0028_15 Datasheet
67Kb / 2P
E-Series 75 Ohm Coupler
MACP-009011-C80370 MA-COM-MACP-009011-C80370_15 Datasheet
103Kb / 3P
E-Series 75 Ohm 8 dB Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com