Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM58P300 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM58P300
Description  TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM58P300 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM58P300 Datasheet HTML 1Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 2Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 3Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 4Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
* This specification are subject to be changed without notice.
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
10.15.2001
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
TIMING PARAMETER
TIMING PARAMETER
TIMING PARAMETER
TIMING PARAMETER
TIMING PARAMETER
Symbol
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Parameter
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Trs
Level set up time
2
us
Tmcs
Mode code setup time
2
us
Tdsu
Data set up time
100
ns
Tdsh
Data hold time
100
ns
Tas
ACLK to byte select time
2
us
Tacpw
Address clock pulse width
2
us
Tppw
Program pulse width
100
us
Tps
Programming mode set up time
4
us
Toed
Output enable setup time
300
ns
Note : Segment ROM S1, S0 is programed just while 5 LSBs of ADDR are all 0.
Programming for security mode :
When programming in security mode, the waveform is just like above. The programming data is as below :
B11 ~ B1
B0
User defined
Security bit
Note : When security = 0, enable security;
When security = 1, disable security.
PROGRAMMING MODE
PROGRAMMING MODE
PROGRAMMING MODE
PROGRAMMING MODE
PROGRAMMING MODE
Mode
P13
P12
P11
Regular
0
0
0
Security
0
0
1
PIN ASSIGNMENT
PIN ASSIGNMENT
PIN ASSIGNMENT
PIN ASSIGNMENT
PIN ASSIGNMENT
EM58P300
18 pin DIP
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
P1.2
P1.1
P1.0
GND
OSC
VPP
VO2
VO1
VDD
P1.3
P2.0
P2.1
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com