Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73201AP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM73201AP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201AP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73201AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM73201AP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
For example: LDA x ; Acc← RAM[x]
STA x ; RAM[x] ← Acc
(3) Zero-page addressing mode
For zero-page region, user can using direct addressing to write or do any arithematic, comparsion
or bit manupulated operation directly.
For example: STD #k,y ; RAM[y] ← #k
ADD #k,y; RAM[y] ← RAM[y] + #k
PROGRAM COUNTER (2K ROM)
Program counter ( PC ) is composed by a 12-bit counter, which indicates the next executed address for the
instruction of program ROM.
For a 2 K - byte size ROM, PC can indicate address form 000h - 7FFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
(1) Branch instruction:
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC ← PC
11-6.a ( branch condition satisified )
PC Hold original PC value+1 a aaaa
a
SF=0; PC← PC +1( branch condition not satisified)
PC
Original PC value + 1
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC ← a ( branch condition satisified)
PC
0 a a a a a a a a a a a
SF=0 ; PC ← PC + 2 ( branch condition not satisified )
PC
Original PC value + 2
(2) Subroutine instruction:
SCALL a
Object code: 1110 nnnn
Condition : PC ← a ; a=8n+6 ; n=1..15 ; a=86h, n=0
PC 0 0 0 0 a a a a a a a
a
LCALL a
Object code: 0100 0 aaa aaaa aaaa
Condition: PC ← a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com