Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73A83 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM73A83
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A83 Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM73A83 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73A83 Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
* This specification are subject to be changed without notice.
10.31.2000
EM73A83
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
The basic structure of Watch-Dog-Timer control is composed by a 4-stage binary counter and a control unit .
The WDT counter counts for a certain time to check the CPU status, if there is no malfunction happened, the
counter will be cleared and continue counting . Otherwise, if there is a malfunction happened, the WDT control
will send a WDT signal ( low active ) to reset CPU. The WDT checking period is assign by P21 ( WDT command
port ).
0
WDT control
WDT
command port
12
3
counter clear request
RESET pin
LXIN/2
13
WDT counter
P21
mask option
tp
ts
tp=
CLK/64 (CLK=4.6MHz)
1
PROGRAM EXAMPLE:
LDIA
#1001B
; basic frequency : CLK/32, tone output
OUTA
P30
LDIA
#0111B
; volume control
OUTA
P17
LDIA
#0011B
; 1430 Hz tone output
OUTA
P24
LDIA
#0001B
OUTA
P23
WATCH-DOG-TIMER (WDT)
Watch-dog-timer can help user to detect the malfunction (runaway) of CPU and give system a timeup signal every
certain time . User can use the time up signal to give system a reset signal when system is fail.
This function is available by mask option. If the mask option of WDT is enabled, it will stop counting when CPU
is reseted or in the STOP operation mode.
1
2
34
56
789
+
Random generator
f(x)=x9+x4+1
Volume control register (P17)
The are 16 levels of volume for sound generator. P17 is the volume control register.
Port17
Initial value : 1111
3
2
1
0
VCR
VCR
ts/tp
1
1
1
1
15/16
1
1
1
0
14/16
::
0
0
0
1
1/16
0
0
0
0
0/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com