Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73C63 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
Port 28
3
2
1
0
TMSA
IPSA
Initial state: 0000
TIMER/COUNTER MODE SELECTION
TMSA (B)
Function description
0 0
Stop
0 1
Event counter mode
1 0
Timer mode
1 1
Pulse width measurement mode
Port 29
3
2
1
0
TMSB
IPSB
Initial state: 0000
INTERRUPT CONTROL
TRGA request
P8.3/
TRGA
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P28
12 BIT COUNTER
TMSA
IPSA
DATA BUS
P8.1/
TRGB
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P29
12 BIT COUNTER
TMSB
IPSB
TRGB request
PULSE-WIDTH MEASUREMENT
CONTROL
PULSE-WIDTH MEASUREMENT
CONTROL
TIMER/COUNTER CONTROL
P8.1/TRGB, P8.3/TRGA are the external timer inputs for timerB and timerA, they are used in event
counter and pulse-width measurement mode.
Timer/counter command port: P28 is the command port for timer/counterA and P29 is for the timer/
counterB.
IPSA(B)
DUAL mode
0 0
LXIN/2
Hz
0 1
LXIN/2
Hz
1 0
LXIN/2
Hz
1 1
LXIN/2
Hz
INTERNAL PULSE-RATE SELECTION
3
7
11
15
7
11
15
SLOW mode
Reserved
LXIN/2 Hz
LXIN/2 Hz
LXIN/2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com