Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82802A Datasheet(PDF) 2 Page - EPCOS

Part # B82802A
Description  SMT flyback transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82802A Datasheet(HTML) 2 Page - EPCOS

  B82802A Datasheet HTML 1Page - EPCOS B82802A Datasheet HTML 2Page - EPCOS B82802A Datasheet HTML 3Page - EPCOS B82802A Datasheet HTML 4Page - EPCOS B82802A Datasheet HTML 5Page - EPCOS B82802A Datasheet HTML 6Page - EPCOS B82802A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMT flyback transformers
EFD series
B82802A
EPCOS Ho PD
October 2012
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Construction
EFD type ferrite core
10 gull wing terminals
Features
Low profile SMT package with high
through-put power capability
Industry standard footprints
Compliant with JEDEC J-STD-020D
MSL level 1
RoHS compatible
Custom variations available (on request)
Applications
General purpose isolated DC/DC
converters (up to 55W)
Power over Ethernet ( PoE/12W and PoE
+/30W) Powered Devices(PD) and Power
Sourcing Equipment (PSD)
Marking
Manufacturer, middle block of ordering
code , date code, pin1 marker
Delivery mode and packing unit
44/56-mm blister tape , 330-mm Ø reel
Packing unit : 300 pcs./ reel (EFD15)
Packing unit : 160 pcs./ reel (EFD20)
Packing unit : 80 pcs./ reel (EFD25)
Dimensional drawing
EFD15
EFD20
EFD25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com