Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDR14 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ADDR14
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR14 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ADDR14 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
SDRAM tim i ng
ww w.d i gi .c om
41
SDRAM read
SDRAM read, CAS latency = 2
Notes:
1
Port size determines which byte enable signals are active:
–
8-bit port = BE3*
–
16-bit port = BE[3:2]
–
32-bit port = BE[3:0]
2
The precharge and/or active commands are not always present. These commands depend on
the address of the previous SDRAM access.
3
If CAS latency = 3, 2 NOPs occur between the read and burst terminate commands.
4
If CAS latency = 3, 3 inhibits occur after burst terminate.
5
The TA* and TEA*/LAST signals are for reference only.
T1
T2
T1
prechg
active
read
nop
bterm
inhibit
inhibit
12
34
34
34
34
34
34
34
34
34
34
34
27
27
36
36
35
35
6
37
37
31
31
30
30
11
10
A10
BCLK
TA* (Note-5)
TEA*/LAST* (Note-5)
PortA2/AMUX
Non-muxed address
Muxed address
BE[3:0]* (DQM)
read D[31:0]
CS[4:0]*
CAS3* (RAS)
CAS2* (CAS)
CAS1* (WE)
CAS0* (A10/AP)
RW*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com