Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDR2 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ADDR2
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR2 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ADDR2 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
AC e l ectrical s p ecificatio ns
26
NS 75 20 Da ta shee t
03 /2 00 6
Figure 7: System configuration for specified timing
Exceeding the loading shown in Table 7 can result in additional signal delay. The delay can be
approximated by derating the output buffer based on the expected load capacitance per the values
shown in Table 8.
Signal
Estimated load (pF)
Device loads
BCLK
23
Two SDRAMs, 1 clock buffer/clock
input to PLD
A[27:0], CAS[3:0]_
23
Two SDRAM An, 1 buffer/PLD
CS[4:0]_
13
Two SDRAM CSn, 1 buffer PLD
DATA[31:0]
18
One SDRAM DQ, 1 buffer/PLD
BE*_
19
One SDRAM DQ, 1 buffer/PLD
TS_, TA_, TEA_, BR_, BG_, BUSY_, WE_,
OE_
15
1 buffer/PLD
PORTA3, PORTA1, PORTC3, PORTC1
(operating external DMA)
15
1 buffer/PLD
Other PORTA[*] and PORTC[*], TDO
85
Tester load
MDC, MDIO, TXEN, TXER, TXD[3:0]
20
One PHY
Table 7: System loading details
Signal
Derating (ns/pF)
BCLK
0.069
A[27:0], TS_, TA_, TEA_, BR_, BG_, BUSY_, DATA[31:0]
0.150
BE[3:0]
0.300
Table 8: Output buffer derating by load capacitance
SDRAM
SDRAM
NS7520
other
memory
devices
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com