Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLD2004G Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD2004G
Description  SURFACE MOUNT SILICON DUAL, ISOLATED HIGH VOLTAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004G Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD2004G Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLD2004G
SURFACE MOUNT SILICON
DUAL, ISOLATED
HIGH VOLTAGE
SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD2004G
contains two (2) isolated high voltage silicon switching
diodes, manufactured by the epitaxial planar process,
epoxy molded in an SOT-563 surface mount package.
These devices are designed for applications requiring
high voltage capability.
MARKING CODE: DG
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Peak Repetitive Reverse Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=240V
100
nA
IR
VR=240V, TA=150°C
100
μA
BVR
IR=100μA
300
V
VF
IF=100mA
1.0
V
CJ
VR=0, f=1.0MHz
5.0
pF
trr
IF=IR=30mA, Irr=3.0mA, RL=100Ω
50
ns
R1 (17-January 2014)
www.centr a lsemi.com


Similar Part No. - CMLD2004G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD2004G CENTRAL-CMLD2004G_15 Datasheet
510Kb / 3P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - CMLD2004G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_11 Datasheet
428Kb / 2P
SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_11 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAV23A DIODES-BAV23A_15 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com