Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSS Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # GSS
Description  Surge Absorbers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

GSS Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  GSS Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD GSS Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
5 Marking of colour code:
Fast Delivery Time
GSS-201M Photo
Part Number
Colour Code 1
Colour Code 2
Colour Code 3
GSS-301M
Orange
Red
Red
GSS-501M
Green
----
---
6 Part Number Description:
GSS
301
M
DC Spark-Over Voltage Accuracy ±20
DC Spark-Over Voltage 300V
Dimension:Diameterφ3.1
Length 7.0mm
7 Packing Quantity (1500PCS)
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
2
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com