Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9760 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9760
Description  10-Bit, 125 MSPS TxDAC짰 D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9760 Datasheet HTML 3Page - Analog Devices AD9760 Datasheet HTML 4Page - Analog Devices AD9760 Datasheet HTML 5Page - Analog Devices AD9760 Datasheet HTML 6Page - Analog Devices AD9760 Datasheet HTML 7Page - Analog Devices AD9760 Datasheet HTML 8Page - Analog Devices AD9760 Datasheet HTML 9Page - Analog Devices AD9760 Datasheet HTML 10Page - Analog Devices AD9760 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AD9760
–7–
REV. B
Typical AC Characterization Curves @ +5 V Supplies
(AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless otherwise noted)
FREQUENCY – MHz
90
80
50
0.1
100
110
60
70
5MSPS
25MSPS
50MSPS
100MSPS
125MSPS
Figure 3. SFDR vs. fOUT @ 0 dBFS
FREQUENCY – MHz
85
50
0.00
5.00
25.00
10.00
15.00
20.00
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 6. SFDR vs. fOUT @ 50 MSPS
AOUT – dBFS
85
45
–30
–25
0
–20
–15
–10
–5
75
55
65
455kHz
@ 5MSPS
2.27MHz
@ 25MSPS
4.55MHz
@ 50MSPS
9.1MHz
@ 100MSPS
11.37MHz
@ 125MSPS
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
FREQUENCY – MHz
85
50
0.00
2.50
0.50
1.00
1.50
2.00
80
75
70
60
55
65
–6dBFS
0dBFS
–12dBFS
Figure 4. SFDR vs. fOUT @ 5 MSPS
FREQUENCY – MHz
85
50
0.00
10.00
50.00
20.00
30.00
40.00
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 7. SFDR vs. fOUT @100 MSPS
AOUT – dBFS
85
45
–30
–25
0
–20
–15
–10
–5
75
55
65
1MHz
@ 5MSPS
2.5MHz
@ 25MSPS
10MHz
@ 50MSPS
20MHz
@ 100MSPS
25MHz
@ 125MSPS
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
FREQUENCY – MHz
85
50
0.00
2.00
12.00
4.00
6.00
8.00
10.00
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 5. SFDR vs. fOUT @ 25 MSPS
FREQUENCY – MHz
85
50
0.00
10.00
60.00
20.00 30.00
40.00 50.00
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 8. SFDR vs. fOUT @ 125 MSPS
AOUT – dBFS
85
45
–30
–25
0
–20
–15
–10
–5
75
55
65
0.675/0.725MHz
@ 5MSPS
3.38/3.63MHz
@ 25MSPS
6.75/7.25MHz
@ 50MSPS
13.5/14.5MHz
@ 100MSPS
16.9/18.1MHz
@ 125MSPS
Figure 11. Dual-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com