Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P156 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 10Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 11Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 12Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-9
EM78P156E
VI.3 TCC/WDT & Prescaler
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for the TCC only
or the WDT only at the same time and the PAB bit of the CONT register is used to determine the prescaler assigment.
The PSR0~PSR2 bits determine the ratio. The prescaler will be cleared by the instructions which write to TCC each time,
when assigned to TCC mode. The WDT and prescaler, when assigned to WDT mode, will be cleared by the “WDTC”
and “SLEP” instructions. Fig.5 depicts the circuit diagram of TCC/WDT.
•
R1 (TCC) is an 8-bit timer/counter. The clock source of TCC can be internal clock or external clock input (edge
selectable from TCC pin). If TCC signal source is from internal clock, TCC will increase by 1 in every instruction
cycle (without prescaler). Refer to Fig.5, CLK=Fosc/2 or CLK=Fosc/4 is depended on the CODE option bit CLKS.
CLK=Fosc/2 if CLKS bit is “0”, and CLK=Fosc/4 if CLKS bit is “1”. If TCC signal source is from external clock
input, TCC will increase by 1 on every falling edge or rising edge of TCC pin.
•
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep running even the oscillator driver
has been turned off (i.e. in sleep mode). During the normal operation or the sleep mode, a WDT time-out (if enabled)
will cause the device to reset. The WDT can be enabled or disabled at any time during the normal mode by software
programming. Refer to WDTE bit of IOCE register. With no presacler, the WDT time-out period is approximately
18 ms.
Fig. 5 Block diagram of TCC and WDT
Data Bus
8-bit Counter
8-to-1 MUX
TCC overflow interrupt
PSR0 ~PSR2
WDT time-out
WDTE
(in IOCE)
TCC
Pin
TE
PAB
MUX
TS
PAB
PAB
1
0
0
1
1
0
CLK(Fosc/2 or Fosc/4)
TCC(R1)
M
U
X
M
U
X
1
0
M
U
X
SYNC
2 cycles
WDT
IOCA
VI.4 I/O Ports
The I/O registers, both Port 5 and Port 6, are bi-directional tri-state I/O ports. Port 6 can be pulled high internally
by software. In addition, Port 6 can also have open-drain output by software. There is an input status changed interrupt
(or wake-up) function on Port 6. P50 ~ P52 and P60 ~ P63 pins can be pulled down by software. Each I/O pin can be
defined as “input” or “output” pin by the I/O control registers (IOC5 ~ IOC6). P50~P51 are the R-option pins enabled
by setting the ROC bit in the IOCE register to 1. While the R-option function is used, P50~P51 are recommended to be
used as output pins. During the period of R-option being enabled, P50~P51 must be programmed as input pins. In the
R-option mode, the current consuming by the Rex should be taken into the consideration, if the low power consumption
is concerned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com