Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG528ATCHIPS Datasheet(PDF) 7 Page - Analog Devices

Part # ADG528ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528ATCHIPS Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG528ATCHIPS Datasheet HTML 3Page - Analog Devices ADG528ATCHIPS Datasheet HTML 4Page - Analog Devices ADG528ATCHIPS Datasheet HTML 5Page - Analog Devices ADG528ATCHIPS Datasheet HTML 6Page - Analog Devices ADG528ATCHIPS Datasheet HTML 7Page - Analog Devices ADG528ATCHIPS Datasheet HTML 8Page - Analog Devices ADG528ATCHIPS Datasheet HTML 9Page - Analog Devices ADG528ATCHIPS Datasheet HTML 10Page - Analog Devices ADG528ATCHIPS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
Typical Performance Characteristics–ADG528A/ADG529A
–7–
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
TPC 1. RON as a Function of VD(VS): Dual Supply
Voltage, TA = +25
°C
TPC 2. Leakage Current as a Function of Temperature
(Note: Leakage Currents Reduce as the Supply
Voltages Reduce)
TPC 3. RON as a Function of VD(VS): Single Supply
Voltage, TA = +25
°C
TPC 4. Trigger Levels vs. Power Supply Voltage,
Dual or Single Supply, TA = +25
°C
TPC 5. tTRANSITION vs. Supply Voltage: Dual and
Single Supplies, TA = +25
°C
(Note: For VDD and |VSS| < 10 V; V1 = VDD/VSS, V2 =
VSS/VDD. See Test Circuit 6)
TPC 6. IDD vs. Supply Voltage: Dual or Single
Supply, TA = +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com