Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP78L08 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP78L08
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L08 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP78L08 Datasheet HTML 3Page - Diodes Incorporated AP78L08 Datasheet HTML 4Page - Diodes Incorporated AP78L08 Datasheet HTML 5Page - Diodes Incorporated AP78L08 Datasheet HTML 6Page - Diodes Incorporated AP78L08 Datasheet HTML 7Page - Diodes Incorporated AP78L08 Datasheet HTML 8Page - Diodes Incorporated AP78L08 Datasheet HTML 9Page - Diodes Incorporated AP78L08 Datasheet HTML 10Page - Diodes Incorporated AP78L08 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
7 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Typical Performance Characteristics
For AP78L05
510
15
20
25
30
INPUT-OUTPUT DIFFERENTIAL (V)
Peak Output Current
350
300
250
200
150
100
50
0
ΔV
= 100mV
OUT
T = -25°C
A
T = 25°C
A
T = 150°C
A
510
15
20
25
30
INPUT VOLTAGE (V)
Quiescent Current
4.0
3.8
3.2
3.0
2.6
2.2
2.0
3.6
3.4
2.8
2.4
V
= 5V
I
= 40mA
T = 25°C
OUT
OUT
A
-25
0
25
50
75
125
JUNCTION TEMPERATURE (°C)
Quiescent Current
100
3.4
3.3
3.0
2.9
2.7
2.5
2.4
3.2
3.1
2.8
2.6
V
= 10V
V
= 5V
I
= 40mA
IN
OUT
OUT
10
100
1K
100K
FREQUENCY (Hz)
Ripple Rejection
10K
100
60
0
80
40
20
V
= 10V
V
= 5V
I
= 40mA
T = 25C
IN
OUT
OUT
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com