Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM83702 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83702 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83702 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM83702
ALL IN ONE MOUSE CONTROLLER
1
* This specification are subject to be changed without notice.
4.15.1996
EM83702
ALL IN ONE MOUSE CONTROLLER
GENERAL DESCRIPTION
The EM83702 Mouse Controller is specially designed to control mouse device. This single chip can interface
three key-switches and four photo-couple direct to RS-232C. The EM83702 does not need any external power
supply,so the mouse can go without a power line. It is versatile with both microsoft and mouse system.
Debouncing circuit were provided to prevent false entry and to improve the accuracy. In 1200 baud rate non-auto
speed with 200 DPI wheels and photo-couples, the scanning is 650 mm/sec without missing a dot in microsoft
mode,and the scanning speed can up to 770 mm/sec in mouse system mode.
FEATURES
• Built-in two zener diode between V
DD
and V
SS
, RTS and V
DD
.
• Buit-in noise immunity circuit.
• CMOS DIP 16 pins package & SOP 16 pins package.
• Low power dissipation.
• Use 32.768 kHz crystal or 3.58MHz resonator.
• Oscillator circuits on-chip.
• Serial output in 1200 baud rate.
• Can be powered directly from RS-232C.
• Can drive directly to RS-232C.
• Three key-switches and four photo-couples inputs.
• Both key-in and key-release debounce interval 13 ms.
• Through three key-switches input, EM83702 can exert seven different output.
• The sampling rate of motion detector is 65 KHz.
APPLICATIONS
• Optical mouse or pen-mouse
• Mechanical mouse or pen-mouse
• Optomechanical mouse or pen-mouse
• Mechanical track ball
• Optomechanical track ball
Patent Number : 38715, 95661 (R.O.C)
Patent Pending : 84200836 (R.O.C)


Similar Part No. - EM83702

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
EM83040 EMC-EM83040 Datasheet
289Kb / 20P
EM83040 LCD DRIVER
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040AAQ EMC-EM83040AAQ Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040ABQ EMC-EM83040ABQ Datasheet
948Kb / 16P
LCD CONTROLLER
More results

Similar Description - EM83702

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
2-IN-ONE MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
Mouse Controller
23rd Oct 96
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
Mouse Controller
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com