Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT721 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT721
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT721 Datasheet HTML 1Page - NXP Semiconductors BAT721 Datasheet HTML 2Page - NXP Semiconductors BAT721 Datasheet HTML 3Page - NXP Semiconductors BAT721 Datasheet HTML 4Page - NXP Semiconductors BAT721 Datasheet HTML 5Page - NXP Semiconductors BAT721 Datasheet HTML 6Page - NXP Semiconductors BAT721 Datasheet HTML 7Page - NXP Semiconductors BAT721 Datasheet HTML 8Page - NXP Semiconductors BAT721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
5 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
006aaa689
1
10
102
103
IF
(mA)
10−1
VF (mV)
0
600
400
200
(1)
(2)
(3)
(4)
006aaa690
IR
(mA)
VR (V)
040
30
10
20
10−4
10−2
1
10
10−5
10−3
10−1
10−6
(1)
(2)
(3)
(4)
40
30
VR (V)
Cd
(pF)
010
20
102
10
1
mbk574



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com