Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC807W
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807W Datasheet(HTML) 2 Page - NXP Semiconductors

  BC807W Datasheet HTML 1Page - NXP Semiconductors BC807W Datasheet HTML 2Page - NXP Semiconductors BC807W Datasheet HTML 3Page - NXP Semiconductors BC807W Datasheet HTML 4Page - NXP Semiconductors BC807W Datasheet HTML 5Page - NXP Semiconductors BC807W Datasheet HTML 6Page - NXP Semiconductors BC807W Datasheet HTML 7Page - NXP Semiconductors BC807W Datasheet HTML 8Page - NXP Semiconductors BC807W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
2 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
2.
Pinning information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT23
1base
2emitter
3
collector
SOT323
1base
2emitter
3
collector
SOT54
1emitter
2base
3
collector
SOT54A
1emitter
2base
3
collector
SOT54 variant
1emitter
2base
3
collector
12
3
sym013
3
2
1
3
12
sot323_so
sym013
3
2
1
001aab347
1
2
3
006aaa149
3
1
2
001aab348
1
2
3
006aaa149
3
1
2
001aab447
1
2
3
006aaa149
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com