Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7818 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM7818
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM7818 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM7818 Datasheet HTML 1Page - Continental Device India Limited LM7818 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
LM7818
TO-220
Plastic Package
The Voltages available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNIT
Input Voltage
V
Power Dissipation at Ta=25ºC
W
Power Dissipation at Tc=25ºC
W
Operating Free Air, Case, or Virtual
JunctionTemperature Range
ºC
Storage Temperature Range
ºC
Lead Temperature 1.6mm (1/16 inch) from
Case for 10 seconds
ºC
Recommended Operating Conditions
SYMBOL
MIN
TYP
MAX
UNIT
VI
21
33
V
IO
1.5
A
Tj
0
125
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
VI=27V, IO=500mA, Ta=25ºC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VO
25ºC
17.3
18.7
V
IO=5mA ~ 1A
VIN=21 ~ 33V, P <15W, 0ºC
~125ºC
17.1
18.9
V
Line Regulation
REGV
VIN=21 ~ 33V, 25ºC
360
mV
VIN=24 ~ 30V, 25ºC
180
mV
Ripple Rejection
RR
VIN=22 ~ 32V, f=120Hz,
0ºC~125ºC
53
dB
Load Regulation
REGL
IO=5mA ~ 1.5A , 25ºC
360
mV
IO=250mA ~ 750mA , 25ºC
180
mV
Output Resistance
rO
f=1KHz, 0ºC~125ºC
0.022
Ω
Temperature Coefficient of Output Voltage
∆V
O/∆T
IO=5mA, 0ºC~125ºC
-1.0
mV/ºC
Output Noise Voltage
VNO
f=10Hz ~100KHz, 25ºC
110
µV
Dropout Voltage
VDIF (min)
IO=1A , 25ºC
2.0
V
Quiescent Current
IQ
25ºC
8.0
mA
Quiescent Current Change
∆I
QIN
VIN=21 ~ 33V, 0ºC~125ºC
1.0
mA
IO=5mA ~ 1A, 0ºC~125ºC
0.5
mA
Short Circuit Output Current
ISC
25ºC
200
mA
Peak Output Current
Iomax
25ºC
2.1
A
LM7818Rev100706E
Tstg
PD
2
- 65 to +150
DESCRIPTION
260
0 to +150
PD
15
SYMBOL
VIN
VALUE
35
Tj
Input Voltage
Output Current
Operating Junction Temperature
TL
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM7818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7818 ETC-LM7818 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7818 FAIRCHILD-LM7818 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7818 FAIRCHILD-LM7818 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7818 FCI-LM7818 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7818 TGS-LM7818 Datasheet
73Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7818

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com