Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM84510DP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM84510DP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510DP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM84510DP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
3
* This specification are subject to be changed without notice.
5.30.2001
FUNCTION DESCRIPTIONS
Legacy PS/2 mouse operating:
(A) Operating mode
There are four operating modes in PS/2 mouse:
a. Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2 mouse
will send:
(a) Completion code AA & ID code 00.
(b) Set default :
sampling rate: 100 reports/s
non-autospeed
stream mode
2 dot/count
disable
b. Stream Mode:
The maximum rate of transfer is the programmed sample rate.
Data report is transmitted if
(a) switch is pressed
(b) movement has been detect
c. Remote Mode:
Data is transmitted only in response to a Read Data command.
d. Wrap Mode:
Any byte of data sent by the system, except hex EC ( Reset wrap mode ) or hex FF ( Reset ), is returned
by EM84510.
B). PS/2 Mouse Data Report:
i).
In stream mode: A data report is sent at the end of a sample interval.
ii). In remote mode: A data report is sent in response to Read Data command.
iii). Data report format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0-7
X data ( D0 - D7 )
3
0-7
Y data ( D0 - D7 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com