Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79L12 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM79L12
Description  NEGATIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM79L12 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM79L12 Datasheet HTML 1Page - Continental Device India Limited LM79L12 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEGATIVE VOLTAGE REGULATOR
LM79L12
TO-92
pin 1.Ground
Plastic Package
2.Input
3.Output
The Voltages Available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNIT
VIN
V
Power Dissipation
PD
mW
Tj
ºC
Tstg
ºC
TL
ºC
Recommended Operating Conditions
SYMBOL
MIN
TYP
MAX
UNIT
VI
-14.5
-27
V
IO
100
mA
Tj
0
125
ºC
ELECTRICAL CHARACTERISTICS
(At Specified Virtual Junction Temperature, VI= -19V, IO=40mA, (unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
25ºC
-11.5
-12.5
V
IO=1mA to 40mA, 0ºC to 125ºC
VI= -14.5V to -27V, 0ºC to 125ºC
IO=1mA to 70mA, 0ºC to 125ºC
-11.4
-12.6
V
VI= -14.5V to -27V, 25ºC
250
mV
VI= -16 to -27V, 25ºC
200
mV
Ripple Rejection
RR
VI= -15V to -25V, f=120Hz, 0ºC to 125ºC
37
dB
IO=1mA to100mA, 25ºC
100
mV
IO=1mA to 40mA, 25ºC
50
mV
Output Noise Voltage
VNO
f=10Hz to 100KHz, 25ºC
80
µV
Dropout Voltage
VDIF (min)
25ºC
1.7
V
Quiescent Current
25ºC
6.5
mA
125ºC
6.0
mA
Quiescent Current Change
∆I
QIN
VI= -16V to -27V, 0ºC to 125ºC
1.5
mA
∆I
QL
IO=1mA to 40mA, 0ºC to 125ºC
0.1
mA
LM79L12Rev_1 300905E
VALUE
-35
260
0 to 150
V
625
-11.4
-12.6
Load Regulation
RBGL
IQ
DESCRIPTION
Input Voltage
Operating Junction Temperature Range
Lead Temperature 1.6mm (1/16inch) from
Case for 10 seconds
Storage Temperature Range
Line Regulation
RBGIN
VO
- 65 to +150
Input Voltage
Output Current
Operating Junction Temperature
DESCRIPTION
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM79L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79L12 NSC-LM79L12 Datasheet
210Kb / 8P
3-Terminal Negative Regulators
logo
Boca Semiconductor Corp...
LM79L12 BOCA-LM79L12 Datasheet
246Kb / 6P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L12 FCI-LM79L12 Datasheet
395Kb / 6P
LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L12 ETC1-LM79L12 Datasheet
49Kb / 4P
100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L12 HTC-LM79L12 Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM79L12

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
Negative Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com